Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 540Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 541Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 542Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 543Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 544Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 545Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 546Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 547Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 520 of 1200
REJ09B0344-0200
Note:
This function must be used in combination with interrupt skipping.
When interrupt skipping is disabled (the T3AEN and T4VEN bits in the timer interrupt
skipping set register (TITCR) are cleared to 0 or the skipping count set bits (3ACOR and
4VCOR) in TITCR are cleared to 0), make sure that A/D converter start requests are not
linked with interrupt skipping (clear the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in
the timer A/D converter start request control register (TADCR) to 0).
TADCORA_4
TCNT_4
A/D converter start request (TRG4AN)
Note: *
When the interrupt skipping count is set to two.
TGIA_3 interrupt
skipping counter
TCIV_4 interrupt
skipping counter
TGIA_3 A/D request-enabled
period
TCIV_4 A/D request-enabled
period
When linked with TGIA_3 and TCIV_4
interrupt skipping
When linked with TGIA_3
interrupt skipping
When linked with TCIV_4
interrupt skipping
00
01
00
01
02
00
01
00
01
02
(UT4AE/DT4AE = 1)
Figure 10.81 Example of A/D Converter Start Request Signal (TRG4AN) Operation Linked
with Interrupt Skipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com