Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 555Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 556Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 557Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 558Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 559Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 560Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 561Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 562Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 535 of 1200
REJ09B0344-0200
(1)
Input Capture/Compare Match Interrupt
An interrupt is requested if the TGIE bit in TIER is set to 1 when the TGF flag in TSR is set to 1
by the occurrence of a TGR input capture/compare match on a particular channel. The interrupt
request is cleared by clearing the TGF flag to 0. The MTU2 has 21 input capture/compare match
interrupts, six for channel 0, four each for channels 3 and 4, two each for channels 1 and 2, and
three for channel 5. The TGFE_0 and TGFF_0 flags in channel 0 are not set by the occurrence of
an input capture.
(2)
Overflow Interrupt
An interrupt is requested if the TCIEV bit in TIER is set to 1 when the TCFV flag in TSR is set to
1 by the occurrence of TCNT overflow on a channel. The interrupt request is cleared by clearing
the TCFV flag to 0. The MTU2 has five overflow interrupts, one for each channel.
(3)
Underflow Interrupt
An interrupt is requested if the TCIEU bit in TIER is set to 1 when the TCFU flag in TSR is set to
1 by the occurrence of TCNT underflow on a channel. The interrupt request is cleared by clearing
the TCFU flag to 0. The MTU2 has two underflow interrupts, one each for channels 1 and 2.
10.5.2
DMAC Activation
The DMAC can be activated by the TGRA input capture/compare match interrupt in each channel.
For details, see section 9, Direct Memory Access Controller (DMAC).
In the MTU2, a total of five TGRA input capture/compare match interrupts can be used as DMAC
activation sources, one each for channels 0 to 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com