Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 623 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 619Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 620Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 621Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 622Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 623Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 624Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 625Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 626Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 1228 page
background image
Section 11 Multi-Function Timer Pulse Unit 2S (MTU2S)
Rev. 2.00 May. 08, 2008 Page 599 of 1200
REJ09B0344-0200
Section 11 Multi-Function Timer Pulse Unit 2S (MTU2S)
This LSI has an on-chip multi-function timer pulse unit 2S (MTU2S) that comprises three 16-bit
timer channels. The MTU2S includes channels 3 to 5 of the MTU2. For details, refer to section 10,
Multi-Function Timer Pulse Unit 2 (MTU2). The MTU2S operates on M
φ clock (MTU clock)
while the MTU2 operates on P
φ clock (peripheral clock) thus the term Pφ in the MTU2
corresponds to M
φ in the MTU2S. To distinguish from the MTU2, "S" is added to the end of the
MTU2S input/output pin and register names. For example, TIOC3A is called TIOC3AS and
TGRA_3 is called TGRA_3S in this section.
The MTU2S can operate at 80 MHz max. for complementary PWM output functions or at 40 MHz
max. for the other functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com