Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 851 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 851 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 847Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 848Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 849Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 850Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 851Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 852Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 853Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 854Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 827 of 1200
REJ09B0344-0200
19.1.3
Port B I/O Registers H, L (PBIORH, PBIORL)
PBIORH and PBIORL are 16-bit readable/writable registers that are used to set the pins on port B
as inputs or outputs. Bits PB30IOR to PB0IOR correspond to pins PB30 to PB0, respectively.
PBIOR is enabled when the port B pins are functioning as general-purpose inputs/outputs (PB9,
PB5, and PB4). In other states, PBIOR is disabled. A given pin on port B will be an output pin if
the corresponding bit in PBIORH and PBIORL is set to 1, and an input pin if the bit is cleared to
0.
Bit 15 of PBIORH is reserved. This bit is always read as 0. The write value should always be 0.
PBIORH and PBIORL are initialized to H'0000 by a power-on reset; but are not initialized by a
manual reset or in sleep mode or software standby mode.
(1)
Port B I/O Register H (PBIORH)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
PB29
IOR
PB28
IOR
PB27
IOR
PB25
IOR
PB24
IOR
PB23
IOR
PB22
IOR
PB21
IOR
PB20
IOR
PB19
IOR
PB18
IOR
PB17
IOR
PB16
IOR
-
PB30
IOR
PB26
IOR
(2)
Port B I/O Register L (PBIORL)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
PB13
IOR
PB12
IOR
PB11
IOR
PB9
IOR
PB8
IOR
PB7
IOR
PB6
IOR
PB5
IOR
PB4
IOR
PB3
IOR
PB2
IOR
PB1
IOR
PB0
IOR
PB15
IOR
PB14
IOR
PB10
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com