Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 852 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 852 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 848Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 849Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 850Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 851Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 852Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 853Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 854Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 855Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 856Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 828 of 1200
REJ09B0344-0200
19.1.4
Port B Control Registers H1 to H4, L1 to L4 (PBCRH1 to PBCRH4, PBCRL1 to
PBCRL4)
PBCRH1 to PBCRH4 and PBCRL1 to PBCRL4 are 16-bit readable/writable registers that are
used to select the function of the multiplexed pins on port B.
PBCRH1 to PBCRH4 and PBCRL1 to PBCRL4 are initialized to the values shown in table 19.5
by a power-on reset; but are not initialized by a manual reset or in sleep mode or software standby
mode.
(1)
Port B Control Register H4 (PBCRH4)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Bit:
Initial value:
R/W:
-----
PB30MD[2:0]
-
PB28MD[2:0]
-
PB29MD[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 11
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10 to 8
PB30MD[2:0]
000
R/W
PB30 Mode
Select the function of the
PB30/
IRQOUT/REFOUT/UBCTRG pin.
000: PB30 I/O (port)
001:
IRQOUT/REFOUT output (INTC/BSC)
010: Setting prohibited
011:
UBCTRG output (UBC)
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
7
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com