Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 901 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 901 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 897Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 898Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 899Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 900Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 901Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 902Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 903Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 904Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 905Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1228 page
background image
Section 20 I/O Ports
Rev. 2.00 May. 08, 2008 Page 877 of 1200
REJ09B0344-0200
20.3
Port D
Port D is an input/output port with the 16 pins shown in figure 20.3.
Port D
PD2 (I/O) / D2 (I/O)
PD1 (I/O) / D1 (I/O)
PD0 (I/O) / D0 (I/O)
PD11 (I/O) / D11 (I/O) / TIC5V (input)
PD10 (I/O) / D10 (I/O) / TIC5W (input)
PD9 (I/O) / D9 (I/O)
PD8 (I/O) / D8 (I/O)
PD7 (I/O) / D7 (I/O)
PD6 (I/O) / D6 (I/O)
PD5 (I/O) / D5 (I/O)
PD4 (I/O) / D4 (I/O)
PD3 (I/O) / D3 (I/O)
PD15 (I/O) / D15 (I/O) / TIC5US (input)
PD14 (I/O) / D14 (I/O) / TIC5VS (input)
PD13 (I/O) / D13 (I/O) / TIC5WS (input)
PD12 (I/O) / D12 (I/O) / TIC5U (input)
Figure 20.3 Port D
20.3.1
Register Descriptions
Table 20.5 lists the port D registers.
Table 20.5
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port D data register L
PDDRL
R/W
H'0000
H'FFFE3982
8, 16
Port D port register L
PDPRL
R
H'xxxx
H'FFFE399E
8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com