Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 902 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 902 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 898Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 899Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 900Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 901Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 902Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 903Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 904Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 905Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 906Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1228 page
background image
Section 20 I/O Ports
Rev. 2.00 May. 08, 2008 Page 878 of 1200
REJ09B0344-0200
20.3.2
Port D Data Register L (PDDRL)
PDDRL is a 16-bit readable/writable register that stores port D data. Bits PD15DR to PD0DR
correspond to pins PD15 to PD0, respectively.
When a pin function is general output, if a value is written to PDDRL, the value is output directly
from the pin, and if PDDRL is read, the register value is returned directly regardless of the pin
state.
When a pin function is general input, if PDDRL is read, the pin state, not the register value, is
returned directly. If a value is written to PDDRL, although that value is written into PDDRL, it
does not affect the pin state. Table 20.8 summarizes PDDRL read/write operations.
PDDRL is initialized to the respective values shown in table 20.5 by a power-on reset, but is not
initialized by a manual reset or in sleep mode or software standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
PD15
DR
PD14
DR
PD13
DR
PD12
DR
PD11
DR
PD10
DR
PD9
DR
PD8
DR
PD7
DR
PD6
DR
PD5
DR
PD4
DR
PD3
DR
PD2
DR
PD1
DR
PD0
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com