Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 906 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 906 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 902Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 903Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 904Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 905Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 906Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 907Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 908Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 909Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 910Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 1228 page
background image
Section 20 I/O Ports
Rev. 2.00 May. 08, 2008 Page 882 of 1200
REJ09B0344-0200
20.4.2
Port F Data Register (PFDR)
PFDR is a 16-bit read-only register that stores port F data. Bits PF1DR and PF0DR correspond to
pins PF1 and PF0, respectively.
Even if a value is written to PFDR, the value is not written into PFDR, and it does not affect the
pin state. If PFDR is read, the pin state, not the register value, is returned directly. Table 20.8
summarizes PFDR read/write operations.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00000000000000
**
RRRRRRRRRRRRRRRR
Bit:
Initial value:
R/W:
Note:
Depends on the external pin state.
*
--------------
PF1
DR
PF0
DR
Bit
Bit Name
Initial
Value
R/W
Description
15 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
PF1DR
Pin state R
See table 20.8.
0
PF0DR
Pin state R
Table 20.8
Port F Data Register (PFDR) Read/Write Operations
• PFDR bits 1 and 0
Pin Function
Read
Write
General input
Pin state
Ignored (no effect on pin state)
Other than general input
Pin state
Ignored (no effect on pin state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com