Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 909 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 909 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 905Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 906Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 907Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 908Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 909Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 910Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 911Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 912Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 913Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 909 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 885 of 1200
REJ09B0344-0200
Section 21 Flash Memory
This LSI has 512-kbyte on-chip flash memory. The flash memory has the following features.
21.1
Features
• Two flash-memory MATs, with one selected by the mode in which the LSI starts up
The on-chip flash memory has two memory spaces in the same address space (hereafter
referred to as memory MATs). The mode setting when the LSI starts up determines the
memory MAT that is currently mapped. The MAT can be switched by bank-switching after the
LSI has started up.
⎯ Size of the user MAT, from which booting-up proceeds after a power-on reset in user
mode: 512 kbytes
⎯ Size of the user boot MAT, from which booting-up proceeds after a power-on reset in user
boot mode: 12 kbytes
• Three on-board programming modes and one off-board programming mode
On-board programming modes
Boot Mode: The on-chip SCIF interface is used for programming in this mode. Either the user
MAT or user-boot MAT can be programmed, and the bit rate for data transfer between the host
and this LSI are automatically adjusted.
User Program Mode: This mode allows programming of the user MAT via any desired
interface.
User Boot Mode: This mode allows writing of a user boot program via any desired interface
and programming of the user MAT.
Off-board programming mode
Programmer Mode: This mode allows programming of the user MAT and user boot MAT
with the aid of a PROM programmer.
• Downloading of an on-chip program to provide an interface for programming/erasure
This LSI has a dedicated programming/erasing program. After this program has been
downloaded to the on-chip RAM, programming or erasing can be performed by setting
parameters as arguments. “User branching” is also supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com