Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 912 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 912 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 908Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 909Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 910Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 911Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 912Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 913Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 914Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 915Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 916Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 912 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 888 of 1200
REJ09B0344-0200
21.2.2
Operating Mode
When each mode pin and the FWE pin are set in the reset state and the reset signal is released, the
microcontroller enters each operating mode as shown in figure 21.2. For the setting of each mode
pin and the FWE pin, see table 21.1.
• Flash memory cannot be read, programmed, or erased in ROM invalid mode. The
programming/erasing interface registers cannot be written to. When these registers are read,
H'00 is always read.
• Flash memory can be read in user mode, but cannot be programmed or erased.
• Flash memory can be read, programmed, or erased on the board only in user program mode,
user boot mode, and boot mode.
• Flash memory can be read, programmed, or erased by means of the PROM programmer in
programmer mode.
Programmer
mode
Reset state
ROM invalid
mode
User mode
User program
mode
User boot
mode
Boot mode
On-board programming mode
Note: * Except for single chip mode.
FWE = 0
FWE = 1
RES = 0
ROM invalid
mode setting
RES
= 0
User
m
ode
setting
Boot
mode
setting
RES
= 0
RES = 0
Programmer
mode setting
Figure 21.2 Mode Transition of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com