Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 910 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 910 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 906Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 907Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 908Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 909Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 910Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 911Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 912Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 913Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 886 of 1200
REJ09B0344-0200
⎯ User branching
Programming is performed in 256-byte units. Each round of programming consists of
application of the programming pulse, reading for verification, and several other steps. Erasing
is performed in block units and each round of erasing consists of several steps. A user-
processing routine can be executed between each round of erasing, and making the setting for
this is called the addition of a user branch.
• Protection modes
There are two modes of protection: software protection is applied by register settings and
hardware protection is applied by the level on the FWE pin. Protection of the flash memory
from programming or erasure can be selected.
When an abnormal state is detected, such as runaway execution of programming/erasing, the
protection modes initiate the transition to the error protection state and suspend
programming/erasing processing.
• Programming/erasing time
The time taken to program 256 bytes of flash memory in a single round is 2 ms (typ.), which is
equivalent to 7.8
μs per byte. The erasing time is 80 ms (typ.) per 8-Kbyte block, 600 ms (typ.)
per 64-Kbyte block, and 1200 ms (typ.) per 128-Kbyte block.
• Number of programming operations
The flash memory can be programmed up to 100 times.
• Operating frequency for programming/erasing
The operating frequency range for programming/erasing I
φ = 32 to 40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com