Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 990 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 990 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 986Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 987Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 988Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 989Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 990Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 991Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 992Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 993Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 994Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 990 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 966 of 1200
REJ09B0344-0200
(5)
Command Error
Command errors are generated by undefined commands, commands sent in an incorrect order, and
the inability to accept a command. For example, sending the clock-mode selection command
before device selection or an inquiry command after the transition-to-programming/erasure state
command generates a command error.
Error
response
H'80
H'xx
• Error response H'80 (1 byte): Command error
• Command H'xx (1 byte): Received command
(6)
Order of Commands
In the inquiry-and-selection state, commands should be sent in the following order.
1. Send the inquiry on supported devices command (H'20) to get the list of supported devices.
2. Select a device from the returned device information, and send the device selection command
(H'10) to select that device.
3. Send the inquiry on clock mode command (H'21) to get the available clock modes.
4. Select a clock mode from among the returned clock modes, and send the clock-mode selection
command (H'11).
5. After selection of the device and clock mode, send the commands to inquire about frequency
multipliers (H'22) and operating frequencies (H'23) to get the information required to select a
new bit rate.
6. Taking into account the returned information on the frequency multipliers and operating
frequencies, send a new-bit-rate selection command (H'3F).
7. After the device and clock mode have been selected, get the information required for
programming and erasure of the user boot MAT and user MAT by sending the commands to
inquire about the user boot MAT (H'24), user MAT (H'25), erasure block (H'26), and
programming size (H'27).
8. After making all necessary inquiries and the new bit rate selection, send the transition-to-
programming/erasure state command (H'40) to place the boot program in the
programming/erasure state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com