Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 987 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 987 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 984Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 985Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 986Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 987Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 988Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 989Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 990Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 963 of 1200
REJ09B0344-0200
The received data are checked in the following ways.
1. Input frequency
The value of the received input frequency is checked to see if it is within the range of the
minimum and maximum values of input frequency for the selected clock mode of the selected
device. A value outside the range generates an input frequency error.
2. Multiplier
The value of the received multiplier is checked to see if it matches a multiplier or divisor that
is available for the selected clock mode of the selected device. A value that does not match an
available ratio generates a frequency multiplier error.
3. Operating frequency
The operating frequency is calculated from the received input frequency and the frequency
multiplier or divisor. The input frequency is the frequency of the clock signal supplied to the
LSI, while the operating frequency is the frequency at which the LSI is actually driven. The
following formulae are used for this calculation.
Operating frequency = input frequency
× multiplier, or
Operating frequency = input frequency / divisor
The calculated operating frequency is checked to see if it is within the range of the minimum
and maximum values of the operating frequency for the selected clock mode of the selected
device. A value outside the range generates an operating frequency error.
4. Bit rate
From the peripheral operating frequency (P
φ) and the bit rate (B), the value (= n) of the clock
select bits (CKS) in the serial mode register (SCSMR) and the value (= N) of the bit rate
register (SCBRR) are calculated, after which the error in the bit rate is calculated. This error is
checked to see if it is smaller than 4%. A result greater than or equal to 4% generates a bit rate
selection error. The following formula is use to calculate the error.
Error (%) = [
] - 1
× 100
(N + 1)
× B × 64 × 22n-1
P
φ × 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com