Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 985 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 985 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 981Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 982Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 984Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 985Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 986Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 987Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 988Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 989Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 961 of 1200
REJ09B0344-0200
(j)
Inquiry on Programming Size
In response to the inquiry on programming size, the boot program returns the size, in bytes, of the
unit for programming.
Command
H'27
• Command H'27 (1 byte): Inquiry on programming size
Response
H'37
Size
Programming size
SUM
• Response H'37 (1 byte): Response to the inquiry on programming size
• Size (1 byte): The number of characters in the programming size field (fixed at 2)
• Programming size (2 bytes): The size of the unit for programming
This is the unit for the reception of data to be programmed.
• SUM (1 byte): Checksum
(k)
New Bit Rate Selection
In response to the new-bit-rate selection command, the boot program changes the bit rate setting to
the new bit rate and, if the setting was successful, responds to the ACK sent by the host by
returning another ACK at the new bit rate.
The new-bit-rate selection command should be sent after clock-mode selection.
Command
H'3F
Size
Bit rate
Input frequency
No. of multipliers
Multiplier 1
Multiplier 2
SUM
• Command H'3F (1 byte): New bit rate selection
• Size (1 byte): The total length of the bit rate, input frequency, number of multipliers, and
multiplier fields
• Bit rate (2 bytes): New bit rate
The bit rate value divided by 100 should be set here (for example, to select 19200 bps, the set
H'00C0, which is 192 in decimal notation).
• Input frequency (2 bytes): The frequency of the clock signal fed to the boot program
This should be the frequency in MHz to the second decimal place, multiplied by 100 (for
example, if the frequency is 8.882 MHz, the value is truncated to the second decimal place and
multiplied by 100, making 888; so H'0378 should be set in this field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com