Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 982 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 982 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 978Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 979Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 980Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 981Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 982Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 984Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 985Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 986Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 982 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 958 of 1200
REJ09B0344-0200
(f)
Inquiry on Operating Frequency
In response to the inquiry on operating frequency, the boot program returns the number of
operating frequencies and the maximum and minimum values.
Command
H'23
• Command H'23 (1 byte): Inquiry on operating frequency
Response
H'33
Size
Number of operating clocks
Operating freq. (min)
Operating freq. (max)
…
SUM
• Response H'33 (1 byte): Response to the inquiry on operating frequency
• Size (1 byte): The total length of the number of operating clocks, and maximum and minimum
values of operating frequency fields.
• Number of operating clocks (1 byte): The number of operating clock frequencies required
within the device.
For example, the value two indicates main and peripheral operating clock frequencies.
• Minimum value of operating frequency (2 bytes): The minimum frequency of a frequency-
multiplied or -divided clock signal.
The value in this field and in the maximum value field is the frequency in MHz to two decimal
places, multiplied by 100 (for example, if the frequency is 20.00 MHz, the value multiplied by
100 is 2000, so H'07D0 is returned here).
• Maximum value of operating frequency (2 bytes): The maximum frequency of a frequency-
multiplied or -divided clock signal.
As many pairs of minimum/maximum values are included as there are operating clocks.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com