Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 981 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 981 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 977Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 978Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 979Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 980Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 981Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 982Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 984Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 985Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 981 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 957 of 1200
REJ09B0344-0200
(e)
Inquiry on Frequency Multipliers
In response to the inquiry on frequency multipliers, the boot program returns information on the
settable frequency multipliers or divisors.
Command
H'22
• Command H'22 (1 byte): Inquiry on frequency multipliers
Response
H'32
Size
Number of
operating clocks
No. of multipliers
Multiplier
…
…
SUM
• Response H'32 (1 byte): Response to the inquiry on frequency multipliers
• Size (1 byte): The total length of the number of operating clocks, number of multipliers, and
multiplier fields.
• Number of operating clocks (1 byte): The number of operating clocks for which multipliers
can be selected
(for example, if frequency multiplier settings can be made for the frequencies of the main and
peripheral operating clocks, the value should be H'02).
• Number of multipliers (1 byte): The number of multipliers selectable for the operating
frequency of the main or peripheral modules
• Multiplier (1 byte):
Multiplier: Numerical value in the case of frequency multiplication (e.g. H'04 for
×4)
Divisor: Two’s complement negative numerical value in the case of frequency division (e.g.
H'FE [-2] for
×1/2)
As many multiplier fields are included as there are multipliers or divisors, and combinations of
the number of multipliers and multiplier fields are repeated as many times as there are
operating clocks.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com