Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 984 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 984 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 980Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 981Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 982Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 984Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 985Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 986Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 987Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 988Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 984 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 960 of 1200
REJ09B0344-0200
• Response H'35 (1 byte): Response to the inquiry on user MATs
• Size (1 byte): The total length of the number of areas and first and last address fields.
• Number of areas (1 byte): The number of user MAT areas.
H'01 is returned if the entire user MAT area is continuous.
• First address of the area (4 bytes)
• Last address of the area (4 bytes)
As many pairs of first and last address field are included as there are areas.
• SUM (1 byte): Checksum
(i)
Inquiry on Erasure Blocks
In response to the inquiry on erasure blocks, the boot program returns the number of erasure
blocks in the user MAT and the addresses where each block starts and ends.
Command
H'26
• Command H'26 (1 byte): Inquiry on erasure blocks
Response
H'36
Size
No. of blocks
First address of the block
Last address of the block
…
SUM
• Response H'36 (1 byte): Response to the inquiry on erasure blocks
• Size (2 bytes): The total length of the number of blocks and first and last address fields.
• Number of blocks (1 byte): The number of erasure blocks in flash memory
• First address of the block (4 bytes)
• Last address of the block (4 bytes)
As many pairs of first and last address data are included as there are blocks.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com