Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 979 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 979 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 975Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 976Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 977Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 978Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 979Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 980Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 981Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 982Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 955 of 1200
REJ09B0344-0200
(b)
Device Selection
In response to the device selection command, the boot program sets the specified device as the
selected device. The boot program will return the information on the selected device in response to
subsequent inquiries.
Command
H'10
Size
Device code
SUM
• Command H'10 (1 byte): Device selection
• Size (1 byte): Number of characters in the device code (fixed at 4)
• Device code (4 bytes): A device code that was returned in response to an inquiry on supported
devices (ASCII encoded)
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to device selection
This is the ACK code and is returned when the specified device code matches one of the
supported devices.
Error
response
H'90
ERROR
• Error response H'90 (1 byte): Error response to device selection
• ERROR (1 byte): Error code
H'11: Sum-check error
H'21: Non-matching device code
(c)
Inquiry on Clock Modes
In response to the inquiry on clock modes, the boot program returns the number of available clock
modes.
Command
H'21
• Command H'21 (1 byte): Inquiry on clock modes
Response
H'31
Size
Mode
…
SUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com