| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 977 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 977 Page - Renesas Technology Corp |
|
977 / 1228 page ![]() Section 21 Flash Memory Rev. 2.00 May. 08, 2008 Page 953 of 1200 REJ09B0344-0200 (4) Inquiry-and-Selection State In this state, the boot program returns information on the flash ROM in response to inquiry commands sent from the host, and selects the device, clock mode, and bit rate in response to the respective selection commands. The inquiry and selection commands are listed in table 21.12. Table 21.12 Inquiry and Selection Commands Command Command Name Function H'20 Inquiry on supported devices Requests the device codes and their respective boot program names. H'10 Device selection Selects a device code. H'21 Inquiry on clock modes Requests the number of available clock modes and their respective values. H'11 Clock-mode selection Selects a clock mode. H'22 Inquiry on frequency multipliers Requests the number of clock signals for which frequency multipliers and divisors are selectable, the number of multiplier and divisor settings for the respective clocks, and the values of the multipliers and divisors. H'23 Inquiry on operating frequency Requests the minimum and maximum values for operating frequency of the main clock and peripheral clock. H'24 Inquiry on user boot MATs Requests the number of user boot MAT areas along with their start and end addresses. H'25 Inquiry on user MATs Requests the number of user MAT areas along with their start and end addresses. H'26 Inquiry on erasure blocks Requests the number of erasure blocks along with their start and end addresses. H'27 Inquiry on programming size Requests the unit of data for programming. H'3F New bit rate selection Selects a new bit rate. H'40 Transition to programming/erasure state On receiving this command, the boot program erases the user MAT and user boot MAT and enters the programming/erasure state. H'4F Inquiry on boot program state Requests information on the current state of boot processing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |