Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1122 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1122 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1118Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1119Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1120Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1121Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1122Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1123Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1124Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1125Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1122 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1098 of 1200
REJ09B0344-0200
B
φ = 40 MHz*1
Item
Symbol
Min.
Max.
Unit
Figure
CAS delay time 1
t
CASD1
1
20
ns
Figures 27.20 to
27.36
CAS delay time 2
t
CASD2
1/2t
cyc
1/2t
cyc + 20
ns
Figures 27.37, 27.38
DQM delay time 1
t
DQMD1
1
20
ns
Figures 27.20 to
27.33
DQM delay time 2
t
DQMD2
1/2t
cyc
1/2t
cyc + 20
ns
Figures 27.37, 27.38
CKE delay time 1
t
CKED1
1
20
ns
Figure 27.35
CKE delay time 2
t
CKED2
1/2t
cyc
1/2t
cyc + 20
ns
Figure 27.38
AH delay time
t
AHD
1/2t
cyc
1/2t
cyc + 20
ns
Figure 27.16
Multiplexed address delay
time
t
MAD
—
20
ns
Figure 27.16
Multiplexed address hold time t
MAH
1
—
ns
Figure 27.16
DACK, TEND delay time
t
DACD
—
Refer to
peripheral
modules
ns
Figures 27.12 to
27.33, 27.37
Note:
*
The maximum value (f
max) of Bφ (external bus clock) depends on the number of wait
cycles and the system configuration of your board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com