Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1121 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1121 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1117Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1118Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1119Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1120Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1121Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1122Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1123Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1124Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1121 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1097 of 1200
REJ09B0344-0200
B
φ = 40 MHz*
Item
Symbol
Min.
Max.
Unit
Figure
Read data hold time 1
t
RDH1
0
—
ns
Figures 27.12 to
27.18
Read data hold time 2
t
RDH2
2
—
ns
Figures 27.20 to
27.23, 27.28 to
27.30
Read data hold time 3
t
RDH3
0
—
ns
Figure 27.19
Read data hold time 4
t
RDH4
1/2t
cyc + 5
—
ns
Figure 27.37
Write enable delay time 1
t
WED1
1/2t
cyc
1/2t
cyc + 20
ns
Figures 27.12 to
27.17
Write enable delay time 2
t
WED2
—
20
ns
Figure 27.18
Write data delay time 1
t
WDD1
—
20
ns
Figures 27.12 to
27.18
Write data delay time 2
t
WDD2
—
20
ns
Figures 27.24 to
27.27, 27.31 to
27.33
Write data delay time 3
t
WDD3
—
1/2t
cyc + 20
ns
Figure 27.37
Write data hold time 1
t
WDH1
1
—
ns
Figures 27.12 to
27.18
Write data hold time 2
t
WDH2
1
—
ns
Figures 27.24 to
27.27, 27.31 to
27.33
Write data hold time 3
t
WDH3
1/2t
cyc
—
ns
Figure 27.37
Write data hold time 4
t
WDH4
0
—
ns
Figures 27.12, 27.16
WAIT setup time
t
WTS
1/2t
cyc + 10
—
ns
Figures 27.13 to
27.19
WAIT hold time
t
WTH
1/2t
cyc + 5
—
ns
Figures 27.13 to
27.19
RAS delay time 1
t
RASD1
1
20
ns
Figures 27.20 to
27.31, 27.33 to
27.36
RAS delay time 2
t
RASD2
1/2t
cyc
1/2t
cyc + 20
ns
Figures 27.37, 27.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com