Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1155 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1155 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1151Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1152Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1153Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1154Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1155Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1156Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1157Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1158Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1155 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1131 of 1200
REJ09B0344-0200
27.4.10
IIC3 Module Timing
Table 27.15 I
2C Bus Interface 3 Timing
Conditions: Vcc = PLLVcc = 1.4 V to 1.6 V, VccQ = 3.0 V to 3.6 V,
Vss = PLLVss = VssQ = 0 V, Ta =
−40°C to +85°C
Specifications
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Figure
SCL input cycle time
t
SCL
12 t
pcyc + 600
—
—
ns
Figure 27.48
SCL input high pulse width
t
SCLH
3 t
pcyc+ 300
—
—
ns
SCL input low pulse width
t
SCLL
5 t
pcyc + 300
—
—
ns
SCL, SDA input rise time
t
Sr
—
—
300
t
pcyc*
1
SCL, SDA input fall time
t
Sf
—
—
1 t
pcyc
ns
SCL, SDA input spike pulse
removal time*
2
t
SP
—
—
1 t
pcyc
ns
SDA input bus free time
t
BUF
5
—
—
t
pcyc*
1
Start condition input hold time
t
STAH
3
—
—
t
pcyc*
1
Retransmit start condition input
setup time
t
STAS
3
—
—
t
pcyc*
1
Stop condition input setup time
t
STOS
3
—
—
t
pcyc*
1
Data input setup time
t
SDAS
1 t
pcyc + 20
—
—
ns
Data input hold time
t
SDAH
0
—
—
ns
SCL, SDA capacitive load
Cb
0
—
400
pF
SCL, SDA output fall time*
3
t
Sf
PV
CC = 3.0 to 3.6 V
—
—
300
ns
Notes: 1. t
pcyc indicates peripheral clock (Pφ) cycle.
2. Depends on the value of NF2CYC.
3. Indicates the I/O buffer characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com