Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1156 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1156 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1152Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1153Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1154Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1155Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1156Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1157Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1158Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1159Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1156 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1132 of 1200
REJ09B0344-0200
SCL
VIH
VIL
t
STAH
t
BUF
P*
S*
tSf
t
Sr
t
SCL
t
SDAH
t
SCLH
t
SCLL
SDA
Sr*
t
STAS
t
SP
t
STOS
t
SDAS
P*
[Legend]
S: Start condition
P: Stop condition
Sr: Start condition for retransmission
Figure 27.48 I
2C Bus Interface 3 Input/Output Timing
27.4.11
A/D Trigger Input Timing
Table 27.16 A/D Trigger Input Timing
Conditions: Vcc = PLLVcc = 1.4 V to 1.6 V, VccQ = 3.0 V to 3.6 V,
Vss = PLLVss = VssQ = 0 V, Ta =
−40°C to +85°C
Module
Item
Symbol
Min.
Max.
Unit
Figure
B:P clock ratio = 1:1
20
—
A/D
converter
Trigger input
setup time
B:P clock ratio = 2:1
t
TRGS
t
cyc + 20
—
ns
Figure 27.49
B:P clock ratio = 4:1
3
× t
cyc + 20
—
CK
ADTRG
t
TRGS
Figure 27.49 A/D Converter External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com