Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1161 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1161 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1157Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1158Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1159Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1160Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1161Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1162Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1163Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1164Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1161 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1137 of 1200
REJ09B0344-0200
27.5
A/D Converter Characteristics
Table 27.19 lists the A/D converter characteristics.
Table 27.19 A/D Converter Characteristics
Conditions: Vcc = PLLVcc = 1.4 V to 1.6 V, VccQ = 3.0 V to 3.6 V,
AVcc = AV
ref = 4.5 V to 5.5 V,
Vss = PLLVss = VssQ = AVss = AVREFVss = 0 V, Ta =
−40°C to +85°C,
V
AN0-2 = 0.25 to AVcc −0.25 V, VAN3-7 = 0 V to AVcc
Item
Min.
Typ.
Max.
Unit
Resolution
—
12
—
bits
Conversion time per channel *
2
1.25
—
—
μs
Analog input capacitance
—
—
5
pF
Permissible signal-source impedance
—
—
3
k
Ω
Nonlinearity error
—
—
(
±4.0)*1
LSB
Offset error
—
—
(
±7.5)*1
LSB
Full-scale error
—
—
(
±7.5)*1
LSB
Quantization error
—
—
(
±0.5)*1
LSB
Absolute accuracy *
3
—
—
±8.0
LSB
Notes: 1. The values in parentheses are reference values.
2. Conversion time per channel during continuous conversion. For the time from
continuous conversion start to end, refer to section 17, A/D Converter (ADC).
3. The conversion error between 0 to 0.25 V of the AN0 to AN2 inputs and AVcc -0.25 V to
AVcc does not meet the above value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com