Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1162 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1162 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1158Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1159Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1160Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1161Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1162Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1163Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1164Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1165Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1162 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1138 of 1200
REJ09B0344-0200
27.6
D/A Converter Characteristics
Table 27.20 lists the D/A converter characteristics.
Table 27.20 D/A Converter Characteristics
Conditions: Vcc = PLLVcc = 1.4 V to 1.6 V, VccQ = 3.0 V to 3.6 V, AVcc = 4.5 V to 5.5 V,
Vss = PLLVss = VssQ = AVss = AVREFVss = 0 V, Ta =
−40°C to +85°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
8
—
bits
Conversion time
10
—
—
μs
Load capacitance 20 pF
Absolute accuracy
—
±2.0
±3.0
LSB
Load resistance 2 M
Ω
—
—
±2.5
LSB
Load resistance 4 M
Ω
27.7
Flash Memory Characteristics
Table 27.21 Flash Memory Characteristics
Conditions: Vcc = PLLVcc =1.4 V to 1.6 V, VccQ = 3.0 V to 3.6 V,
Vss = PLLVss = VccQ = 0 V, Ta =
−40°C to +85°C
Item
Symbol
Min.
Typ.
Max.
Unit
Write time *
1*2*4
t
P
—
2
20
ms/256 bytes
—
80
260
ms/8-Kbyte block
—
600
1600
ms/64-Kbyte block
Erase time *
1*2*4
t
E
—
1200
3000
ms/128-Kbyte block
Write time (total) *
1*2*4
Σt
P
—
4.5
12
s/512 Kbytes
Erase time (total) *
1*2*4
Σt
E
—
4.5
12
s/512 Kbytes
Write and erase time (total) *
1*2*4
Σt
PE
—
9
24
s/512 Kbytes
Number of rewrite times
N
WEC
100*
3
—
—
times
Notes: 1. Write time and erase time depend on data.
2. Data transfer time is not included in the write and erase time.
3. Minimum value that guarantees all characteristics after rewriting (guarantees in the
range from 1 to Min. value).
4. Characteristics when the number of rewrite times falls within the range including the
Min. value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com