Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8S2148B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H8S2148B
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2148B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H8S2148B Datasheet HTML 9Page - Renesas Technology Corp H8S2148B Datasheet HTML 10Page - Renesas Technology Corp H8S2148B Datasheet HTML 11Page - Renesas Technology Corp H8S2148B Datasheet HTML 12Page - Renesas Technology Corp H8S2148B Datasheet HTML 13Page - Renesas Technology Corp H8S2148B Datasheet HTML 14Page - Renesas Technology Corp H8S2148B Datasheet HTML 15Page - Renesas Technology Corp H8S2148B Datasheet HTML 16Page - Renesas Technology Corp H8S2148B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page xiii of liv
Item
Page
Revision (See Manual for Details)
16.3.5 I
2C Bus
Register (ICCR)
427, 428 Table amended
Bit 1 R/W of I
2C Bus Interface Interrupt Request Flag
(Before) R/W
→ (After) R/(W)*
Table 16.5 Flash and
Transfer States (Slave
Mode)
430
Table 16.5 amended
MST
TRS
BBSY ESTP STOP IRTR
AASX AL
AAS
ADZ
ACKB ICDRF ICDRE State
011001
↑/0*2 ———
00
—
1
↑
Transmission end with
ICDRE = 0
01100
——
0
↓
0
↓
00
—
0
↓
ICDR write with the
above state
01100
————
00
—
1
Transmission end with
ICDRE = 1
01100
——
0
↓
0
↓
00
—
0
↓
ICDR write with the
above state
011001
↑/0*2 —
0000
—
1
↑
Automatic data transfer
from ICDRT to ICDRS
with the above state
16.4.4 Master
Receive Operation
Figure 16.12 Example
of Operation Timing in
Master Receive Mode
(MLS = WAIT = 0,
HNDS = 1)
451
Figure 16.12 amended
SDA
(master output)
SDA
(slave output)
2
1
4
3
5
9
A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
IRTR
ICDRF
ICDRR
SCL
(master output)
Master transmit mode
Master receive mode
Data 1
[1] TRS = 0 clear
[2] ICDR read
(Dummy read)
[1] IRIC clear
SCL is fixed low until ICDR is read
User processing
IRIC
Undefined va
Figure 16.13 Example
of Stop Condition
Issuance Operation
Timing in Master
Receive Mode (MLS =
WAIT = 0, HNDS = 1)
451
Figure 16.13 amended
8
7
9
A
Bit 1
Data 3
[9] IRIC clear
[8]
[11] Set BBSY = 0 and
SCP = 0
(Stop condition instruction issuance)
[10] ICDR read
(Data 3)
Bit 0
Stop condition generation
SCL is fixed low until
stop condition is issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com