Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145B Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD64F2145B
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145B Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD64F2145B Datasheet HTML 13Page - Renesas Technology Corp HD64F2145B Datasheet HTML 14Page - Renesas Technology Corp HD64F2145B Datasheet HTML 15Page - Renesas Technology Corp HD64F2145B Datasheet HTML 16Page - Renesas Technology Corp HD64F2145B Datasheet HTML 17Page - Renesas Technology Corp HD64F2145B Datasheet HTML 18Page - Renesas Technology Corp HD64F2145B Datasheet HTML 19Page - Renesas Technology Corp HD64F2145B Datasheet HTML 20Page - Renesas Technology Corp HD64F2145B Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page xvii of liv
Item
Page
Revision (See Manual for Details)
25.1.1 Standby
Control Register
(SBYCR)
Table 25.1 Operating
Frequency and Wait
Time
643
Table amended
STS2 STS1 STS0 Wait Time
20 MHz 10 MHz 8 MHz
6 MHz
4 MHz
2 MHz
Unit
0
0
0
8192 states
0.4
0.8
1.0
1.3
2.0
4.1
ms
26.1 Register
Addresses (Address
Order)
670
Note 2 amended
Note: 2. Not supported by the H8S/2148B and H8S/2145B (5-V
version).
26.2 Register Bits
679
Note 5 amended
Note: 5. Not supported by the H8S/2148B and H8S/2145B (5-V
version).
26.3 Register States
in Each Operating
Mode
688
Note 2 amended
Note: 2. Not supported by the H8S/2148B and H8S/2145B (5-V
version).
26.4 Register Select
Conditions
690
Table amended
H8S/2160B, H8S/2161B Register Select Condition
(Before) —
→ (After) No condition
27.1.1 Absolute
Maximum Ratings
Table 27.1 Absolute
Maximum Ratings
701
Table 27.1 amended
item
(Ports C to G are added in the H8S/2160B and H8S/2161B.)
input voltage (P97, P86, P52, P42)
27.1.2 DC
Characteristics
Table 27.2 DC
Characteristics (1)
703
Table 27.2 amended
Item
P97, P86, P52, P42
(Ports C to G are added in the H8S/2160B and H8S/2161B.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com