Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7672 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 27Page - Renesas Technology Corp SH7672 Datasheet HTML 28Page - Renesas Technology Corp SH7672 Datasheet HTML 29Page - Renesas Technology Corp SH7672 Datasheet HTML 30Page - Renesas Technology Corp SH7672 Datasheet HTML 31Page - Renesas Technology Corp SH7672 Datasheet HTML 32Page - Renesas Technology Corp SH7672 Datasheet HTML 33Page - Renesas Technology Corp SH7672 Datasheet HTML 34Page - Renesas Technology Corp SH7672 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 5 of 1262
REJ09B0437-0100
Classification
Module/Function Description
External bus
extension
Bus state
controller (BSC)
• Address space for five areas (64 Mbytes each) and 32-bit
external bus
• The following features settable independently for each
area:
 Bus size: 8, 16, or 32 bits (depending on area)
 Access wait cycle count
 Idle wait cycle setting (same area/different area)
 Supports SRAM, SRAM with byte selection, and
SDRAM by specifying memory to be connected for
each area
 Supports the PCMCIA interface
 Chip select signal output to an applicable area
(Timings of CS asserting and negating are selectable
by programming)
• SDRAM refreshing function
 Supports auto-refreshing mode and self-refreshing
mode
• SDRAM burst access function
DMA
Direct memory
access controller
(DMAC)
• Eight channels (External DMA requests available for two
of them)
• Can be activated by on-chip peripheral modules
• Burst mode and cycle steal mode
• Supports intermittent mode (16 or 64 cycles)
• Auto-reloading of transfer information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com