Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC6821 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
www.ti.com
Local-High-Temp-Limit
LocalTemperature
Local-Low-Temp-Limit
Remote-High-Temp-Limit
RemoteTemperature
Remote-Low-Temp-Limit
Local-Critical-Temp
LocalTemperature
Remote-Critical-Temp
RemoteTemperature
ActiveControlTemperature
PSV-Temp
L-THERMLimit
LocalTemperature
R-THERMLimit
RemoteTemperature
LTOIE
RTOIE
PSVIE
THERM-FAN-EN
THERMOVIE
THERM-FAN-EN
THERMOVIE
LTOInterrupt
PinLow
SMBALERT
RTOInterrupt
PinLow
SMBALERT
OVR PinLow
SMBALERT PinLow
OVR PinLow
SMBALERT PinLow
PSVInterrupt
PinLow
SMBALERT
Assert
PinLow
THERM
ForceFantoFullSpeed
LocalThermInterrupt
PinLow
SMBALERT
Assert
PinLow
THERM
ForceFantoFullSpeed
RemoteThermInterrupt
PinLow
SMBALERT
LTH
LTL
LTO
RTH
RTL
RTO
LTCBitinStatusRegister2
RTCBitinStatusRegister2
LPSVBitinStatusRegister2
R-THERMBitinStatusRegister1
L-THERMBitinStatusRegister2
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
4. THERM Limit: This limit is an additional fail-safe threshold. When the local or remote temperature is equal to
or above this limit, the corresponding L-THERM or R-THERM bit is set ('1'), and the THERM pin is asserted
low, which can be used to throttle the CPU clock. Furthermore, the THERM interrupt is generated on the
SMBALERT pin if enabled (THERMOVIE = 1). Reading Status Register 1 clears the R-THERM and
L-THERM bits. Once cleared, these bits are not reasserted until the temperature falls 5
°C below the THERM
limit, even if the THERM condition persists. If the THERM-FAN-EN bit of Configuration Register 3 is set ('1'),
L-THERM = 1 or R-THERM = 1 forces the fan to run at full speed. When THERM-FAN-EN = 0, the status of
the L-THERM and R-THERM bits do not affect the fan speed directly. Note that the THERM limit can be
lower or higher than other temperature limits. For example, if the THERM limit is lower than the PSV
temperature limit, then the CPU clock can be throttled while the cooling fan is off.
Figure 14. Temperature Out-of-Range Detection
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com