Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8NB100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW8NB100
Description  N - CHANNEL 1000V - 1.2ohm- 8A - TO-247 PowerMESH MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8NB100 Datasheet(HTML) 1 Page - STMicroelectronics

  STW8NB100 Datasheet HTML 1Page - STMicroelectronics STW8NB100 Datasheet HTML 2Page - STMicroelectronics STW8NB100 Datasheet HTML 3Page - STMicroelectronics STW8NB100 Datasheet HTML 4Page - STMicroelectronics STW8NB100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STW8NB100
N - CHANNEL 1000V - 1.2
Ω - 8A - TO-247
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.2
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstand-
ing performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and
dv/dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
1000
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
1000
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC8
A
ID
Drain Current (continuous) at Tc = 100
oC5
A
IDM(
•)
Drain Current (pulsed)
32
A
Ptot
Total Dissipation at Tc = 25
oC
190
W
Derating Factor
1.52
W/
o C
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
(1) ISD
≤8 Α, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW8NB100
1000 V
< 1.5
Ω
8 A
March 1999
TO-247
1
2
3
1/5


Similar Part No. - STW8NB100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW8NB100 ISC-STW8NB100 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW8NB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW50NB20 STMICROELECTRONICS-STW50NB20 Datasheet
88Kb / 8P
N - CHANNEL 200V - 0.047ohm - 50A - TO-247 PowerMESH MOSFET
Oct-1999
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB100 STMICROELECTRONICS-STW6NB100 Datasheet
86Kb / 8P
N - CHANNEL 1000V - 2.3ohm - 5.4A - TO-247 PowerMESH MOSFET
Oct-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com