Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8NC70Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW8NC70Z
Description  N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8NC70Z Datasheet(HTML) 4 Page - STMicroelectronics

  STW8NC70Z Datasheet HTML 1Page - STMicroelectronics STW8NC70Z Datasheet HTML 2Page - STMicroelectronics STW8NC70Z Datasheet HTML 3Page - STMicroelectronics STW8NC70Z Datasheet HTML 4Page - STMicroelectronics STW8NC70Z Datasheet HTML 5Page - STMicroelectronics STW8NC70Z Datasheet HTML 6Page - STMicroelectronics STW8NC70Z Datasheet HTML 7Page - STMicroelectronics STW8NC70Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STW8NC70Z
4/8
Static Drain-source On Resistance
Transconductance
Output Characteristics
Transfer Characteristics
Thermal Impedance
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com