Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW9NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW9NB90
Description  N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  STW9NB90 Datasheet HTML 1Page - STMicroelectronics STW9NB90 Datasheet HTML 2Page - STMicroelectronics STW9NB90 Datasheet HTML 3Page - STMicroelectronics STW9NB90 Datasheet HTML 4Page - STMicroelectronics STW9NB90 Datasheet HTML 5Page - STMicroelectronics STW9NB90 Datasheet HTML 6Page - STMicroelectronics STW9NB90 Datasheet HTML 7Page - STMicroelectronics STW9NB90 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW9NB90
N-CHANNEL 900V - 0.85
Ω - 9.7A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.85
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
900
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
900
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC9.7
A
ID
Drain Current (continuous) at Tc =100
oC6
A
IDM (
•)
Drain Current (pulsed)
38
A
Ptot
T otal Dissipation at Tc =25
oC190
W
Derating Factor
1.52
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
(1) I SD
≤ 9.7A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 9NB90
900 V
< 1
Ω
9. 7 A
July 1999
1
2
3
TO-247
1/8


Similar Part No. - STW9NB90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW9NB90 ISC-STW9NB90 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW9NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
19-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com