Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8S2319 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # H8S2319
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
PDF  1144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2319 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H8S2319 Datasheet HTML 45Page - Renesas Technology Corp H8S2319 Datasheet HTML 46Page - Renesas Technology Corp H8S2319 Datasheet HTML 47Page - Renesas Technology Corp H8S2319 Datasheet HTML 48Page - Renesas Technology Corp H8S2319 Datasheet HTML 49Page - Renesas Technology Corp H8S2319 Datasheet HTML 50Page - Renesas Technology Corp H8S2319 Datasheet HTML 51Page - Renesas Technology Corp H8S2319 Datasheet HTML 52Page - Renesas Technology Corp H8S2319 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1144 page
background image
Section 1 Overview
Rev.7.00 Feb. 14, 2007 page 17 of 1108
REJ09B0089-0700
Pin No.
Pin Name
TFP-100B,
TFP-100G FP-100A TLP-113V
Mode
4
Mode
5
Mode
6*
1
Mode
7*
1
Flash
Memory
Programmer
Mode
90
92
D5
P25/TIOCB4/
TMCI1
P25/TIOCB4/
TMCI1
P25/TIOCB4/
TMCI1
P25/TIOCB4/
TMCI1
VSS
91
93
A5
P26/TIOCA5/
TMO0
P26/TIOCA5/
TMO0
P26/TIOCA5/
TMO0
P26/TIOCA5/
TMO0
NC
92
94
B6
P27/TIOCB5/
TMO1
P27/TIOCB5/
TMO1
P27/TIOCB5/
TMO1
P27/TIOCB5/
TMO1
NC
93
95
C6
PG0/
IRQ6/
ADTRG
PG0/
IRQ6/
ADTRG
PG0/
IRQ6/
ADTRG
PG0/
IRQ6/
ADTRG
NC
94
96
C5
PG1/
CS3/
IRQ7/CS6
PG1/
CS3/
IRQ7/CS6
PG1/
CS3/
IRQ7/CS6
PG1/
IRQ7
NC
95
97
A4
PG2/
CS2
PG2/
CS2
PG2/
CS2
PG2
NC
96
98
A3
PG3/
CS1/CS7
PG3/
CS1/CS7
PG3/
CS1/CS7
PG3
NC
97
99
B4
PG4/
CS0
PG4/
CS0
PG4/
CS0
PG4
NC
98
100
B3
VCC
VCC
VCC
VCC
VCC
99
1
B2
P10/TIOCA0/A20 P10/TIOCA0/A20 P10/TIOCA0/A20 P10/TIOCA0
NC
100
2
A2
P11/TIOCB0/A21 P11/TIOCB0/A21 P11/TIOCB0/A21 P11/TIOCB0
NC
—
—
A1, B5,
C3, C9,
D4, D10,
E5, H2,
H8, J1, L9
NC
NC
NC
NC
NC
—
—
K3
VSS
VSS
VSS
VSS
VSS
⎯
⎯
G8
VCL (NC)*
3
VCL (NC)*
3
VCL (NC)*
3
VCL (NC)*
3
VCL (NC)*
3
⎯
⎯
G9
NC (
WDTOVF)*3 NC (WDTOVF)*3 NC (WDTOVF)*3 NC (WDTOVF)*3 NC
Notes: 1. Only modes 4 and 5 are available in the ROMless version.
2. The FWE pin function is only available in the H8S/2318 F-ZTAT, H8S/2317 F-ZTAT,
H8S/2315 F-ZTAT, and H8S/2314 F-ZTAT.
The EMLE pin function is only available in the H8S/2319 F-ZTAT.
The VCL pin function is only available in the H8S/2319C F-ZTAT.
It cannot be used as a
WDTOVF pin in the F-ZTAT versions.
3. Items in parentheses ( ) indicate pin names on the H8S/2316S and H8S/2317S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com