Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO35 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISO35
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISO35 Datasheet HTML 2Page - Renesas Technology Corp ISO35 Datasheet HTML 3Page - Renesas Technology Corp ISO35 Datasheet HTML 4Page - Renesas Technology Corp ISO35 Datasheet HTML 5Page - Renesas Technology Corp ISO35 Datasheet HTML 6Page - Renesas Technology Corp ISO35 Datasheet HTML 7Page - Renesas Technology Corp ISO35 Datasheet HTML 8Page - Renesas Technology Corp ISO35 Datasheet HTML 9Page - Renesas Technology Corp ISO35 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Input
Generator
50 W
3 V
S1
C includesfixtureand
Instrumentation
capacitance
L
D
A
B
DE
3 V
VOH
0 V
tPZH
tPHZ
90%
0 V
VO
VI
C =50pF±20%
L
VO
RL =110
±20%
W
50%
50%
50%
Input
Generator
50 W
D
A
B
DE
C includesfixtureand
Instrumentationcapacitance
L
VOL
tPLZ
VO
VI
VI
GND1
GND2
VO
C =50pF±20%
L
R =110
±1%
L
W
50%
50%
50%
10%
tPZL
3V
S1
3V
0V
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
5V
0V
V
ID
IO
A
B
R
I B
I A
VIC
V
A
V
B
V B
VA+
2
VO
Input
Generator
1.5 V
C includesfixtureand
instrumentationcapacitance
L
A
B
R
RE
50 W
VI
VO
C =15pF
±20%
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
3 V
VOH
VOL
tf
tr
tPLH
tPHL
10%
90%
50%
0 V
VO
VI
50%
50%
50%
ISO15
ISO35
SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 6. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveform
Figure 7. Receiver Voltage and Current Definitions
Figure 8. Receiver Switching Test Circuit and Waveforms
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com