Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H83024 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # H83024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83024 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H83024 Datasheet HTML 24Page - Renesas Technology Corp H83024 Datasheet HTML 25Page - Renesas Technology Corp H83024 Datasheet HTML 26Page - Renesas Technology Corp H83024 Datasheet HTML 27Page - Renesas Technology Corp H83024 Datasheet HTML 28Page - Renesas Technology Corp H83024 Datasheet HTML 29Page - Renesas Technology Corp H83024 Datasheet HTML 30Page - Renesas Technology Corp H83024 Datasheet HTML 31Page - Renesas Technology Corp H83024 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 841 page
background image
Rev. 2.00 Sep 20, 2005 page xxviii of xxxviii
Figure 12.3
Phase Relationship between Output Clock and Serial Data
(Asynchronous Mode) ......................................................................................... 385
Figure 12.4
Sample Flowchart for SCI Initialization .............................................................. 386
Figure 12.5
Sample Flowchart for Transmitting Serial Data .................................................. 387
Figure 12.6
Example of SCI Transmit Operation in Asynchronous Mode
(8-Bit Data with Parity and One Stop Bit)........................................................... 388
Figure 12.7
Sample Flowchart for Receiving Serial Data....................................................... 389
Figure 12.8
Example of SCI Receive Operation (8-Bit Data with Parity and One Stop Bit).. 392
Figure 12.9
Example of Communication among Processors using Multiprocessor Format
(Sending Data H'AA to Receiving Processor A) ................................................. 393
Figure 12.10 Sample Flowchart for Transmitting Multiprocessor Serial Data ......................... 394
Figure 12.11 Example of SCI Transmit Operation
(8-Bit Data with Multiprocessor Bit and One Stop Bit) ...................................... 395
Figure 12.12 Sample Flowchart for Receiving Multiprocessor Serial Data.............................. 396
Figure 12.13 Example of SCI Receive Operation
(8-Bit Data with Multiprocessor Bit and One Stop Bit) ...................................... 398
Figure 12.14 Data Format in Synchronous Communication..................................................... 399
Figure 12.15 Sample Flowchart for SCI Initialization .............................................................. 401
Figure 12.16 Sample Flowchart for Serial Transmitting........................................................... 402
Figure 12.17 Example of SCI Transmit Operation ................................................................... 403
Figure 12.18 Sample Flowchart for Serial Receiving ............................................................... 404
Figure 12.19 Example of SCI Receive Operation..................................................................... 406
Figure 12.20 Sample Flowchart for Simultaneous Serial Transmitting and Receiving ............ 407
Figure 12.21 Receive Data Sampling Timing in Asynchronous Mode..................................... 410
Figure 12.22 Example of Synchronous Transmission............................................................... 411
Figure 12.23 Operation when Switching from SCK Pin Function to Port Pin Function........... 412
Figure 12.24 Operation when Switching from SCK Pin Function to Port Pin Function
(Example of Preventing Low-Level Output) ....................................................... 413
Section 13 Smart Card Interface
Figure 13.1
Block Diagram of Smart Card Interface .............................................................. 416
Figure 13.2
Smart Card Interface Connection Diagram.......................................................... 424
Figure 13.3
Smart Card Interface Data Format....................................................................... 425
Figure 13.4
Timing of TEND Flag Setting ............................................................................. 431
Figure 13.5
Sample Transmission Processing Flowchart........................................................ 432
Figure 13.6
Relation Between Transmit Operation and Internal Registers............................. 433
Figure 13.7
Timing of TEND Flag Setting ............................................................................. 433
Figure 13.8
Sample Reception Processing Flowchart............................................................. 434
Figure 13.9
Timing for Fixing Cock Output ........................................................................... 435
Figure 13.10 Procedure for Stopping and Restarting the Clock................................................ 436
Figure 13.11 Receive Data Sampling Timing in Smart Card Interface Mode .......................... 437



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com