Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38073R Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # H8/38073R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38073R Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button H8/38073R Datasheet HTML 21Page - Renesas Technology Corp H8/38073R Datasheet HTML 22Page - Renesas Technology Corp H8/38073R Datasheet HTML 23Page - Renesas Technology Corp H8/38073R Datasheet HTML 24Page - Renesas Technology Corp H8/38073R Datasheet HTML 25Page - Renesas Technology Corp H8/38073R Datasheet HTML 26Page - Renesas Technology Corp H8/38073R Datasheet HTML 27Page - Renesas Technology Corp H8/38073R Datasheet HTML 28Page - Renesas Technology Corp H8/38073R Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxv of lxxii
Item
Page
Revision (See Manual for Details)
12.4.2 8-Bit Registers 248
Description amended
Registers other than TCNT and TGR are 8-bit.
...
Examples of 8-bit register access operation are shown in figures
12.3 and 12.4
.
Figure 12.5 8-Bit
Register Access
Operation [CPU
↔
TCR and TMDR (16
Bits)]
Deleted
12.5.1 Basic
Functions
(2) Waveform Output
by Compare Match
252
Description amended
Figure 12.9 shows an example of 1 output.
… and settings have been made such that 1 is output by
compare match A
. ...
Figure 12.9 Example
of 1 Output
Operation
253
Figure title and figure amended
TCNT value
H'FFFF
H'0000
TIOCA
Time
TGRA
No change
No change
1 output
253
Description amended
In this example, TCNT has been designated as a periodic
counter (with counter clearing on compare match A), and settings
have been made such that the output is toggled by
compare match A
.
Figure 12.10
Example of Toggle
Output Operation
Figure amended
TCNT value
H'FFFF
H'0000
TIOCA
Time
TGRA
Toggle output
Counter cleared by TGRB compare match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com