Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H838702S Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H838702S
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838702S Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H838702S Datasheet HTML 17Page - Renesas Technology Corp H838702S Datasheet HTML 18Page - Renesas Technology Corp H838702S Datasheet HTML 19Page - Renesas Technology Corp H838702S Datasheet HTML 20Page - Renesas Technology Corp H838702S Datasheet HTML 21Page - Renesas Technology Corp H838702S Datasheet HTML 22Page - Renesas Technology Corp H838702S Datasheet HTML 23Page - Renesas Technology Corp H838702S Datasheet HTML 24Page - Renesas Technology Corp H838702S Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 402 page
background image
Section 1 Overview
Rev. 1.00 Dec. 13, 2007 Page 3 of 380
REJ09B0430-0100
Classification
Module/
Function
Description
Clock
Clock pulse
generator
(CPG)
• Two clock generation circuits available
• Separate clock signals are provided for each of functional
modules
• Includes frequency division circuit, so the operating frequency
is selectable
• Seven low-power-consumption modes: Active (medium speed)
mode, sleep (high speed or medium speed) mode, subactive
mode, subsleep mode, standby mode, and watch mode
A/D converter
A/D
converter
(ADC)
• 10-bit resolution × four input channels
• Sample and hold function included
• Conversion time: 12.4 µs per channel (with φ at 5-MHz
operation)
• Method of starting A/D conversion: software
10-bit PWM •
10 bits
× two channels
• Four conversion periods selectable
• Pulse division method for less ripple
Timer A
• 8-bit timer
• Interval timer functionality: Eight interrupt periods are selectable
• Clock time base functionality: Four overflow periods are
selectable
• Generates an interrupt upon overflow
Timer F
• 16-bit timer (also can be used as two independent 8-bit timers)
• Four counter input clocks
• Output compare function supported
• Toggle output function supported
• two interrupt sources: Compare match and overflow
Timer
Asynchron-
ous event
counter
(AEC)
• 16-bit pulse timer (also can be used as two 8 bits × two
channels)
• Can count asynchronously-input external events
Watchdog timer Watchdog
timer
(WDT)
8 bits
× one channel (selectable from two counter input clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com