Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F61663MN50FPV Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F61663MN50FPV
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F61663MN50FPV Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F61663MN50FPV Datasheet HTML 35Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 36Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 37Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 38Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 39Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 40Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 41Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 42Page - Renesas Technology Corp R5F61663MN50FPV Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 7 of 1468
REJ09B0412-0200
Classification
Module/
Function
Description
16-bit timer
pulse unit
(TPU)
• 16 bits × 12 channels (unit 0, unit 1*)
• Select from among eight counter-input clocks for each channel
• Up to 16 pulse inputs and outputs
• Counter clear operation, simultaneous writing to multiple timer
counters (TCNT), simultaneous clearing by compare match and
input capture possible, simultaneous input/output for registers
possible by counter synchronous operation, and up to 15-phase
PWM output possible by combination with synchronous
operation
• Buffered operation, cascaded operation (32 bits × two
channels), and phase counting mode (two-phase encoder
input) settable for each channel
• Input capture function supported
• Output compare function (by the output of compare match
waveform) supported
Note:
*
Pin function of unit 1 cannot be used in the external bus
extended mode.
Timer
Program-
mable pulse
generator
(PPG)
• 32-bit*1*2 pulse output
• Four output groups, non-overlapping mode, and inverted output
can be set
• Selectable output trigger signals; the PPG can operate in
conjunction with the data transfer controller (DTC) and the DMA
controller (DMAC)
Notes: 1. Pulse output pins PO31 to PO16 cannot be activated by
input capture.
2. Pulse of unit 1 cannot be output in external bus
extended mode.
Watchdog timer Watchdog
timer
(WDT)
• 8 bits × one channels (selectable from eight counter input
clocks)
• Switchable between watchdog timer mode and interval timer
mode
32K timer
32K timer
(TM32K)
• Eight counter clocks which divides the 32.768 Hz clock can be
selected
• 8 bits × 1 channel or 24 bits × 1 channel can be selected
• Interrupts can be generated when the counter overflows.
• Eight overflow cycles selectable (250 msec, 500 msec, 1 sec, 2
sec, 30 sec, 60 sec, about 23 days, and about 46 days)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com