Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8SX/1653 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # H8SX/1653
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1018 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1653 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button H8SX/1653 Datasheet HTML 34Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 35Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 36Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 37Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 38Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 39Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 40Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 41Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1018 page
background image
Rev.1.00 Sep. 08, 2005 Page xxxviii of xlviii
Section 24 Electrical Characteristics
Figure 24.1 Output Load Circuit ................................................................................................ 921
Figure 24.2 External Bus Clock Timing..................................................................................... 922
Figure 24.3 Oscillation Settling Timing after Software Standby Mode ..................................... 922
Figure 24.4 Oscillation Settling Timing ..................................................................................... 923
Figure 24.5 External Input Clock Timing................................................................................... 923
Figure 24.6 Reset Input Timing.................................................................................................. 924
Figure 24.7 Interrupt Input Timing............................................................................................. 925
Figure 24.8 Basic Bus Timing: Two-State Access ..................................................................... 928
Figure 24.9 Basic Bus Timing: Three-State Access ................................................................... 929
Figure 24.10 Basic Bus Timing: Three-State Access, One Wait................................................ 930
Figure 24.11 Basic Bus Timing: Two-State Access (
CS Assertion Period Extended) ............... 931
Figure 24.12 Basic Bus Timing: Three-State Access (
CS Assertion Period Extended) ............. 932
Figure 24.13 Byte Control SRAM: Two-State Read/Write Access............................................ 933
Figure 24.14 Byte Control SRAM: Three-State Read/Write Access.......................................... 934
Figure 24.15 Burst ROM Access Timing: One-State Burst Access ........................................... 935
Figure 24.16 Burst ROM Access Timing: Two-State Burst Access........................................... 936
Figure 24.17 Address/Data Multiplexed Access Timing (No Wait)
(Basic, Four-State Access)..................................................................................... 937
Figure 24.18 Address/Data Multiplexed Access Timing (Wait Control)
(Address Cycle Program Wait
× 1 + Data Cycle Program Wait × 1 +
Data Cycle Pin Wait
× 1)....................................................................................... 938
Figure 24.19 External Bus Release Timing ................................................................................ 939
Figure 24.20 External Bus Request Output Timing.................................................................... 939
Figure 24.21 DMAC (
DREQ) Input Timing .............................................................................. 940
Figure 24.22 DMAC (
TEND) Output Timing............................................................................ 940
Figure 24.23 DMAC Single-Address Transfer Timing: Two-State Access ............................... 941
Figure 24.24 DMAC Single-Address Transfer Timing: Three-State Access ............................. 942
Figure 24.25 I/O Port Input/Output Timing................................................................................ 945
Figure 24.26 TPU Input/Output Timing ..................................................................................... 945
Figure 24.27 TPU Clock Input Timing....................................................................................... 945
Figure 24.28 PPG Output Timing............................................................................................... 945
Figure 24.29 8-Bit Timer Output Timing ................................................................................... 946
Figure 24.30 8-Bit Timer Reset Input Timing............................................................................ 946
Figure 24.31 8-Bit Timer Clock Input Timing ........................................................................... 946
Figure 24.32 WDT Output Timing............................................................................................. 946
Figure 24.33 SCK Clock Input Timing ...................................................................................... 946
Figure 24.34 SCI Input/Output Timing: Clocked Synchronous Mode ....................................... 947
Figure 24.35 A/D Converter External Trigger Input Timing...................................................... 947
Figure 24.36 I2C Bus Interface2 Input/Output Timing (Option) ................................................ 947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com