Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02F4 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M38K02F4
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02F4 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M38K02F4 Datasheet HTML 58Page - Renesas Technology Corp M38K02F4 Datasheet HTML 59Page - Renesas Technology Corp M38K02F4 Datasheet HTML 60Page - Renesas Technology Corp M38K02F4 Datasheet HTML 61Page - Renesas Technology Corp M38K02F4 Datasheet HTML 62Page - Renesas Technology Corp M38K02F4 Datasheet HTML 63Page - Renesas Technology Corp M38K02F4 Datasheet HTML 64Page - Renesas Technology Corp M38K02F4 Datasheet HTML 65Page - Renesas Technology Corp M38K02F4 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 45 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
B0VAL02
b7:b1
–
–
0
–
EP02 control register 2 (EP02CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 0 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R
Fig. 57 Structure of EP02 control register 2
b7
b0
B1VAL02
b7:b1
–
–
0
–
EP02 control register 3 (EP02CON3) [address 001C16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 1 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
In double buffer mode this bit is valid.
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R
Fig. 58 Structure of EP02 control register 3
Fig. 59 Structure of EP02 interrupt source register
b7
b0
B0RDY02
B1RDY02
ERR02
b7 to b3
0
0
0
–
0
0
0
–
EP02 interrupt source register (EP02REQ) [address 001D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
USB function/Endpoint 2 buffer 0
ready interrupt bit
USB function/Endpoint 2 buffer 1
ready interrupt bit
USB function/Endpoint 2 error
interrupt bit
Not used
0 : No interrupt request issued
1 : Interrupt request issued
This bit is set to “1” when the buffer 0 is ready state
(enabled to be read/written) on USB function/Endpoint 2.
“0” can be set by software, but “1” cannot be set.
0 : No interrupt request issued
1 : Interrupt request issued
In single buffer mode this bit is invalid.
This bit is set to “1” when the buffer 1 is ready state
(enabled to be read/written) on USB function/Endpoint 2
in double buffer mode.
“0” can be set by software, but “1” cannot be set.
0 : No interrupt request issued
1 : Interrupt request issued
This bit is set to “1” when STALL response occurs on
USB function/Endpoint 2.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
00
0
00
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com