Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3007 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8/3007
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3007 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8/3007 Datasheet HTML 35Page - Renesas Technology Corp H8/3007 Datasheet HTML 36Page - Renesas Technology Corp H8/3007 Datasheet HTML 37Page - Renesas Technology Corp H8/3007 Datasheet HTML 38Page - Renesas Technology Corp H8/3007 Datasheet HTML 39Page - Renesas Technology Corp H8/3007 Datasheet HTML 40Page - Renesas Technology Corp H8/3007 Datasheet HTML 41Page - Renesas Technology Corp H8/3007 Datasheet HTML 42Page - Renesas Technology Corp H8/3007 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 796 page
background image
1. Overview
Rev.5.00 Sep. 12, 2007 Page 11 of 764
REJ09B0396-0500
Pin No.
Type
Symbol
FP-100B
TFP-100B FP-100A I/O
Name and Function
RFSH
87
89
Output Refresh: Indicates a refresh cycle
DRAM
interface
CS
2 to
CS
5
89, 88, 5,
4
91, 90,
7, 6
Output Row address strobe
RAS: Row address
strobe signal for DRAM
RD
70
72
Output Write enable
WE: Write enable signal for
DRAM
HWR
UCAS
71
6
73
8
Output Upper column address strobe
UCAS:
Column address strobe signal for DRAM
LWR
LCAS
72
7
74
9
Output Lower column address strobe
LCAS:
Column address strobe signal for DRAM
DREQ
1,
DREQ
0
5, 3
7, 5
Input
DMA request 1 and 0: DMAC activation
requests
DMA
controller
(DMAC)
TEND
1,
TEND
0
94, 93
96, 95
Output Transfer end 1 and 0: These signals indicate
that the DMAC has ended a data transfer.
16-bit
timer
TCLKD to
TCLKA
96 to 93
98 to95
Input
Clock input D to A: External clock inputs
TIOCA
2 to
TIOCA
0
99, 97, 95 1, 99, 97 Input/
output
Input capture/output compare A2 to A0:
GRA2 to GRA0 output compare or input
capture, or PWM output
TIOCB
2 to
TIOCB
0
100, 98,
96
2, 100,
98
Input/
output
Input capture/output compare B2 to B0:
GRB2 to GRB0 output compare or input
capture, or PWM output
8-bit timer TMO
0,
TMO
2
2, 4
4, 6
Output Compare match output: Compare match
output pins
TMIO
1,
TMIO
3
3, 5
5, 7
Input/
output
Input capture input/compare match output:
Input capture input or compare match output
pins
TCLKD to
TCLKA
96 to 93
98 to 95 Input
Counter external clock input: These pins
input an external clock to the counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com