Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3020 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # H8/3020
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3020 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8/3020 Datasheet HTML 75Page - Renesas Technology Corp H8/3020 Datasheet HTML 76Page - Renesas Technology Corp H8/3020 Datasheet HTML 77Page - Renesas Technology Corp H8/3020 Datasheet HTML 78Page - Renesas Technology Corp H8/3020 Datasheet HTML 79Page - Renesas Technology Corp H8/3020 Datasheet HTML 80Page - Renesas Technology Corp H8/3020 Datasheet HTML 81Page - Renesas Technology Corp H8/3020 Datasheet HTML 82Page - Renesas Technology Corp H8/3020 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 55 of 684
REJ09B0352-0200
Address
T
,
,
AS
φ
1
T2
Address bus
D7 to D0
RD WR
High
High impedance
T3
Figure 2.18 Pin States during Access to On-Chip Supporting Modules
2.9.4
Access to External Address Space
The external address space is divided into eight areas (areas 0 to 7). Bus-controller settings
determine whether each area accessed in two or three states. For details see section 6, Bus
Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com