Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3020 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # H8/3020
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3020 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8/3020 Datasheet HTML 98Page - Renesas Technology Corp H8/3020 Datasheet HTML 99Page - Renesas Technology Corp H8/3020 Datasheet HTML 100Page - Renesas Technology Corp H8/3020 Datasheet HTML 101Page - Renesas Technology Corp H8/3020 Datasheet HTML 102Page - Renesas Technology Corp H8/3020 Datasheet HTML 103Page - Renesas Technology Corp H8/3020 Datasheet HTML 104Page - Renesas Technology Corp H8/3020 Datasheet HTML 105Page - Renesas Technology Corp H8/3020 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 712 page
background image
4. Exception Handling
Rev.2.00 Mar. 22, 2007 Page 78 of 684
REJ09B0352-0200
4.6
Notes on Stack Usage
When accessing word data or longword data, the H8/3022 Group regards the lowest address bit as
0. The stack should always be accessed by word access or longword access, and the value of the
stack pointer (SP, ER7) should always be kept even. Use the following instructions to save
registers:
PUSH.W Rn
(or MOV.W Rn, @–SP)
PUSH.L ERn
(or MOV.L ERn, @–SP)
Use the following instructions to restore registers:
POP.W Rn
(or MOV.W @SP+, Rn)
POP.L ERn
(or MOV.L @SP+, ERn)
Setting SP to an odd value may lead to a malfunction. Figure 4.5 shows an example of what
happens when the SP value is odd.
TRAPA instruction executed
CCR
Legend
CCR:
PC:
R1L:
SP:
SP
PC
R1L
PC
SP
SP
MOV. B R1L, @-ER7
SP set to H'FFEFF
Data saved above SP
CCR contents lost
Condition code register
Program counter
General register R1L
Stack pointer
Note: The diagram illustrates modes 1, 3, 5, 6, and 7.
H'FFEFA
H'FFEFB
H'FFEFC
H'FFEFD
H'FFEFF
Figure 4.5 Operation when SP Value is Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com