Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7014 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 140Page - Renesas Technology Corp SH7014 Datasheet HTML 141Page - Renesas Technology Corp SH7014 Datasheet HTML 142Page - Renesas Technology Corp SH7014 Datasheet HTML 143Page - Renesas Technology Corp SH7014 Datasheet HTML 144Page - Renesas Technology Corp SH7014 Datasheet HTML 145Page - Renesas Technology Corp SH7014 Datasheet HTML 146Page - Renesas Technology Corp SH7014 Datasheet HTML 147Page - Renesas Technology Corp SH7014 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 110 of 716
REJ09B0398-0500
Bit 13
IW21
Bit 12
IW20
Description
0
0
No idle cycle after accessing CS2 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)
Bit 11
IW11
Bit 10
IW10
Description
0
0
No idle cycle after accessing CS1 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)
Bit 9
IW01
Bit 8
IW00
Description
0
0
No idle cycle after accessing CS0 space
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(initial value)
Bits 7 to 4
⎯Idle Specification for Continuous Access (CW3, CW2, CW1, CW0): The
continuous access idle specification makes insertions to clearly delineate the bus intervals by once
negating the
CSn signal when doing consecutive accesses of the same CS space. When a write
immediately follows a read, the number of idle cycles inserted is the larger of the two values
specified by IW and CW. Refer to section 8.6, Waits between Access Cycles, for details.
CW3 specifies the continuous access idles for CS3 space; CW2 specifies the continuous access
idles for CS2 space; CW1 specifies the continuous access idles for CS1 space and CW0 specifies
the continuous access idles for CS0 space.
Bit 7
CW3
Description
0
No CS3 space continuous access idle cycles
1
One CS3 space continuous access idle cycle
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com