Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7014 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 141Page - Renesas Technology Corp SH7014 Datasheet HTML 142Page - Renesas Technology Corp SH7014 Datasheet HTML 143Page - Renesas Technology Corp SH7014 Datasheet HTML 144Page - Renesas Technology Corp SH7014 Datasheet HTML 145Page - Renesas Technology Corp SH7014 Datasheet HTML 146Page - Renesas Technology Corp SH7014 Datasheet HTML 147Page - Renesas Technology Corp SH7014 Datasheet HTML 148Page - Renesas Technology Corp SH7014 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 111 of 716
REJ09B0398-0500
Bit 6
CW2
Description
0
No CS2 space continuous access idle cycles
1
One CS2 space continuous access idle cycle
(initial value)
Bit 5
CW1
Description
0
No CS1 space continuous access idle cycles
1
One CS1 space continuous access idle cycle
(initial value)
Bit 4
CW0
Description
0
No CS0 space continuous access idle cycles
1
One CS0 space continuous access idle cycle
(initial value)
Bits 3 to 0
⎯CS Assert Extension Specification (SW3, SW2, SW1, SW0): The CS assert cycle
extension specification is for making insertions to prevent extension of the
RD signal or WRx
signal assert period beyond the length of the
CSn signal assert period. Extended cycles insert one
cycle before and after each bus cycle, which simplifies interfaces with external devices and also
has the effect of extending write data hold time. Refer to section 8.3.3,
CS Assert Extension
Function, for details.
SW3 specifies the
CS assert extension for CS3 space access; SW2 specifies the CS assert
extension for CS2 space access; SW1 specifies the
CS assert extension for CS1 space access and
SW0 specifies the
CS assert extension for CS0 space access.
Bit 3
SW3
Description
0
No CS3 space
CS assert extension
1
CS3 space
CS assert extension
(initial value)
Bit 2
SW2
Description
0
No CS2 space
CS assert extension
1
CS2 space
CS assert extension
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com