Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H83724 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H83724
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83724 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H83724 Datasheet HTML 82Page - Renesas Technology Corp H83724 Datasheet HTML 83Page - Renesas Technology Corp H83724 Datasheet HTML 84Page - Renesas Technology Corp H83724 Datasheet HTML 85Page - Renesas Technology Corp H83724 Datasheet HTML 86Page - Renesas Technology Corp H83724 Datasheet HTML 87Page - Renesas Technology Corp H83724 Datasheet HTML 88Page - Renesas Technology Corp H83724 Datasheet HTML 89Page - Renesas Technology Corp H83724 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 352 page
background image
Rev. 3.00, 12/94, page 71 of 334
3.2.5 Internal Interrupts
There are ten internal interrupts that can be raised by the on-chip peripheral modules. These
interrupts can be masked by setting the I bit in CCR to 1. When an internal interrupt request is
accepted and an interrupt handler is executed, the I bit is set to 1. On the order of priority of
interrupts from on-chip peripheral modules, see table 3-2.
3.2.6 Operations When an Interrupt is Raised
Interrupts are controlled by an interrupt controller. Figure 3-2 gives a block diagram of this
interrupt controller, while figure 3-3 shows the flow up to interrupt acceptance.
Figure 3-2 Block Diagram of Interrupt Controller
Interrupt controller
Interrupt
request
CCR (CPU)
I
IRQ to IRQ interrupt
request flag or internal
interrupt request flag
50
IRQ to IRQ interrupt
request flag or internal
interrupt enable flag
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com