Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7534 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7534_06 Datasheet HTML 17Page - Renesas Technology Corp 7534_06 Datasheet HTML 18Page - Renesas Technology Corp 7534_06 Datasheet HTML 19Page - Renesas Technology Corp 7534_06 Datasheet HTML 20Page - Renesas Technology Corp 7534_06 Datasheet HTML 21Page - Renesas Technology Corp 7534_06 Datasheet HTML 22Page - Renesas Technology Corp 7534_06 Datasheet HTML 23Page - Renesas Technology Corp 7534_06 Datasheet HTML 24Page - Renesas Technology Corp 7534_06 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 221 page
background image
HARDWARE
7534 Group
Rev.3.00
Oct 23, 2006
page 8 of 55
REJ09B0178-0300
PIN DESCRIPTION
Table 1 Pin description
Pin
Vcc, Vss
VREF
USBVREFOUT
CNVss
RESET
P00–P07
P10/RxD/D-
P11/TxD/D+
P12/SCLK
P13/SDATA
P14/CNTR0
P15, P16
XIN
Function
•Apply voltage of 4.1 to 5.5 V (4.4 to 5.25 V at USB operating) to Vcc, and 0 V to Vss.
•Reference voltage input pin for A/D converter
•Output pin for pulling up a D- line with 1.5 k
Ω external resistor
•Chip operating mode control pin, which is always connected to Vss.
•Reset input pin for active “L”
•Input and output pins for main clock generating circuit
•Connect a ceramic resonator or quartz crystal oscillator between the XIN and XOUT pins.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
Function expect a port function
Name
Power source
Analog reference
voltage
USB reference
voltage output
CNVss
Reset input
Clock input
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
•8-bit I/O port.
•I/O direction register allows each pin to be individually programmed
as either input or output.
•CMOS 3-state output structure at CMOS compatible input level
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
•7-bit I/O port
•I/O direction register allows each pin to be individually programmed
as either input or output.
•CMOS 3-state output structure at CMOS compatible input level
•CMOS/TTL level can be switched for P10, P12, P13.
•When using the USB function, input level of ports P10 and P11
becomes USB input level, and output level of them becomes
USB output level.
•8-bit I/O port having almost the same function as P0
•CMOS 3-state output structure at CMOS compatible input level
•8-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS 3-state output structure at CMOS compatible input level (CMOS/TTL level can be switched
for P36, P37).
•P30 to P36 can output a large current for driving LED.
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
•2-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•Key-input (key-on wake up
interrupt input) pins
•Serial I/O1 function pin
•Serial I/O2 function pin
•Timer X function pin
•Input pins for A/D converter
•Interrupt input pins
XOUT
Clock output
P20/AN0–
P27/AN7
P30–P35
P36/INT1
P37/INT0
P40, P41
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com