Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7018 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 109Page - Renesas Technology Corp SH7018 Datasheet HTML 110Page - Renesas Technology Corp SH7018 Datasheet HTML 111Page - Renesas Technology Corp SH7018 Datasheet HTML 112Page - Renesas Technology Corp SH7018 Datasheet HTML 113Page - Renesas Technology Corp SH7018 Datasheet HTML 114Page - Renesas Technology Corp SH7018 Datasheet HTML 115Page - Renesas Technology Corp SH7018 Datasheet HTML 116Page - Renesas Technology Corp SH7018 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 431 page
background image
97
Table 8.1 summarizes the MTU functions.
Table 8.1
MTU Functions
Item
Channel 0
Channel 1
Channel 2
Counter clocks
Internal:
φ/1, φ/4, φ/16, φ/64, φ/256, φ/1024
Six to each channel
General registers
TGR0A
TGR0B
TGR1A
TGR1B
TGR2A
TGR2B
General
registers/buffer
registers
TGR0C
TGR0D
No
No
Input/output pins
TIOC0A
TIOC0C
TIOC1A
TIOC1B
TIOC2A
TIOC2B
Counter clear
function
TGR compare-match or
input capture
TGR compare-match or
input capture
TGR compare-match or
input capture
Compare
0
Yes
Yes
Yes
match
1
Yes
Yes
Yes
output
Toggle
Yes
Yes
Yes
Input capture
function
Yes
Yes
Yes
Synchronization
Yes
Yes
Yes
Buffer operation
Yes
No
No
PWM mode 1
Yes
Yes
Yes
PWM mode 2
Yes
Yes
Yes
A/D conversion start
trigger
TGR0A compare match
or input capture
TGR1A compare match
or input capture
TGR2A compare match
or input capture
Interrupt sources
Compare match/input
capture 0A
Compare match/input
capture 1A
Compare match/input
capture 2A
Compare match 0B
Compare match/input
capture 1B
Compare match/input
capture 2B
Compare match/input
capture 0C
Overflow
Overflow
Compare match 0D
—
—
Overflow
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com