Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7018 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 112Page - Renesas Technology Corp SH7018 Datasheet HTML 113Page - Renesas Technology Corp SH7018 Datasheet HTML 114Page - Renesas Technology Corp SH7018 Datasheet HTML 115Page - Renesas Technology Corp SH7018 Datasheet HTML 116Page - Renesas Technology Corp SH7018 Datasheet HTML 117Page - Renesas Technology Corp SH7018 Datasheet HTML 118Page - Renesas Technology Corp SH7018 Datasheet HTML 119Page - Renesas Technology Corp SH7018 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 431 page
background image
100
8.1.4
Register Configuration
Table 8.3 summarizes the MTU register configuration.
Table 8.3
Register Configuration
Chan-
nel
Name
Abbrevi-
ation
R/W
Initial
Value
Address
Access Size
(Bits)*
1
Shared Timer start register
TSTR
R/W
H'00
H'FFFF8240
8, 16
Timer synchro register
TSYR
R/W
H'00
H'FFFF8241
0
Timer control register 0
TCR0
R/W
H'00
H'FFFF8260
8, 16, 32
Timer mode register 0
TMDR0
R/W
H'C0
H'FFFF8261
Timer I/O control register 0H TIOR0H R/W
H'00
H'FFFF8262
Timer I/O control register 0L TIOR0L
R/W
H'00
H'FFFF8263
Timer interrupt enable
register 0
TIER0
R/W
H'40
H'FFFF8264
Timer status register 0
TSR0
R/(W)*
2
H'C0
H'FFFF8265
Timer counter 0
TCNT0
R/W
H'0000
H'FFFF8266
16, 32
General register 0A
TGR0A
R/W
H'FFFF
H'FFFF8268
General register 0B
TGR0B
R/W
H'FFFF
H'FFFF826A
General register 0C
TGR0C
R/W
H'FFFF
H'FFFF826C
General register 0D
TGR0D
R/W
H'FFFF
H'FFFF826E
1
Timer control register 1
TCR1
R/W
H'00
H'FFFF8280
8, 16
Timer mode register 1
TMDR1
R/W
H'C0
H'FFFF8281
Timer I/O control register 1
TIOR1
R/W
H'00
H'FFFF8282
8
Timer interrupt enable
register 1
TIER1
R/W
H'40
H'FFFF8284
8, 16, 32
Timer status register 1
TSR1
R/(W)*
2
H'C0
H'FFFF8285
Timer counter 1
TCNT1
R/W
H'0000
H'FFFF8286
16, 32
General register 1A
TGR1A
R/W
H'FFFF
H'FFFF8288
General register 1B
TGR1B
R/W
H'FFFF
H'FFFF828A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com