Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7020 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7020
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7020 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7020 Datasheet HTML 35Page - Renesas Technology Corp SH7020 Datasheet HTML 36Page - Renesas Technology Corp SH7020 Datasheet HTML 37Page - Renesas Technology Corp SH7020 Datasheet HTML 38Page - Renesas Technology Corp SH7020 Datasheet HTML 39Page - Renesas Technology Corp SH7020 Datasheet HTML 40Page - Renesas Technology Corp SH7020 Datasheet HTML 41Page - Renesas Technology Corp SH7020 Datasheet HTML 42Page - Renesas Technology Corp SH7020 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 509 page
background image
18 RENESAS
31
0
Long word
Figure 2.4 Data Format in Registers
2.2.2
Data Format in Memory
Memory data formats are classified into bytes, words, and long words. Byte data can be accessed
from any address, but an address error will occur if you try to access word data starting from an
address other than 2n or long word data starting from an address other than 4n. In such cases, the
data accessed cannot be guaranteed. The hardware stack area, which is referred to by the hardware
stack pointer (SP, R15), uses only long word data starting from address 4n because this area stores
the program counter and status register (figure 2.5).
31
0
70
15
0
31
0
7
7
15
7
23
7
Byte
0
0
0
15
0
Byte
Byte
Byte
Word
Word
Long word
Address 2n
Address 4n
Address m
Address m + 2
Address m + 1
Address m + 3
Figure 2.5 Data Format in Memory
2.2.3
Immediate Data Format
Byte (8-bit) immediate data is located in the instruction code. Immediate data accessed by the
MOV, ADD, and CMP/EQ instructions is sign-extended and is handled in registers as long word
data. Immediate data accessed by the TST, AND, OR, and XOR instructions is zero-extended and
is handled as long word data. Consequently, AND instructions with immediate data always clear
the upper 24 bits of the destination register.
Word or long word immediate data is not located in the instruction code but rather is stored in a
memory table. The memory table is accessed by a immediate data transfer instruction (MOV)
using the PC relative addressing mode with displacement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com